|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
GPJ25A~GPJ25M SINGLE-PHASE BRIDGE RECTIFIER VOLTAGE 50 to 1000 Volts CURRENT 25 Ampere FEATURES * Diffused Junction * Low Forward Voltage Drop * High Current Capability * High Reliability * High Surge Current Capability * Ideal for Printed Circuit Boards * Pb free product are available : 99% Sn above can meet RoHS environment substance directive request MECHANICALDATA Case: Molded plastic body Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026 Polarity: As Marked on Body Weight: 7.056 grams (approx.) Mounting Position: Any MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Single Phase, half wave, 60Hz, resistive or inductive load. For Capacitive load derate current by 20%. PA RA M E TE R M a xi m um R e c ur r e nt P e a k R e ve r s e V o l t a g e M a x i m u m R M S B r i d g e In p u t V o l t a g e M a xi m um D C B l o c k i ng V o l t a g e A ve r a g e R e c t i f i e d O ut p ut C ur r e nt a t TC = 1 0 0 O C I2 t R a t i n g f o r f u s i n g ( t < 8 . 3 m s ) P e a k F o r w a r d S ur g e C ur r e nt s i ng l e s i ne - w a ve s up e r i m p o s e d o n r a t e d l o a d ( J E D E C m e t ho d ) M a x i m u m In s t a n t a n e o u s F o r w a r d V o l t a g e D r o p p e r e l e m e n t a t 1 2 . 5 A M a xi m um R e ve r s e L e a k a g e C ur r e nt a t R a t e d @ TA = 2 5 O C D c B l o c k i ng Vo l t a g e @ TC = 1 0 0 O C Ty p i c a l T h e r m a l R e s i s t a n c e p e r l e g ( N o t e 1 ) O p e r a t i n g J u n c t i o n a n d S t o r a g e Te m p e r a t u r e R a n g e S YM B O L G P J 2 5 A G P J 2 5 B G P J 2 5 D G P J 2 5 G G P J 2 5 J G P J 2 5 K G P J 2 5 M U N I T S V RRM V RMS V DC IF ( A V ) I2 t IF S M VF IR R J C 50 35 50 100 70 100 200 140 200 400 280 400 25 600 420 600 800 560 800 1000 700 1000 V V V A A2sec A V uA O 500 350 1 .1 10 500 0 .6 -5 5 to + 1 5 0 C /W T J ,T S T G O C NOTES: 1. Device mounted on 220 x 220 x 1.6mm thick AL plate heatsink. STAD-AUG.23.2005 PAGE . 1 GPJ25A~GPJ25M RATING AND CHARACTERISTIC CURVES FORWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE) AVERAGE FORWARD CURRENT AMPERES 30 500 400 20 300 10 RESISTIVE OR INDUCTIVE LOAD 200 100 0 0 50 100 O 150 0 1 2 6 10 20 40 60 100 TEMPERATURE, C NO. OF CYCLES AT 60Hz F i g . 1 - F O RWA R D C U R R E N T D E R AT I N G C U RV E Fig.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 1 000 INSTANTANEOUS FORWARD CURRENT, AMPERES 100 40 20 10 4.0 2.0 1.0 Cj, JUNCTION CAPACITANCE(pF) 1 00 TJ=25 C f=1.0MHz O 0.4 0.2 0.1 0.2 0.4 0.6 0.8 1.0 TJ=25 C Pulse Width = 300us 1% DULY Cycle O 0 1 10 1 00 1.2 1.4 1.6 VR, REVERSE VOLTA GE (V) INSTANTANEOUS FORWARD VOLTAGE, VOLTS F i g . 3 - T Y P I C A L J U N C T I O N C A PA C I TA N C E F ig. 4 - TY PI C AL F OR W AR D C H AR AC TER I STI C S PER ELEMEN T STAD-AUG.23.2005 PAGE . 2 |
Price & Availability of GPJ25A |